| データシートサーチシステム |
|
AN1105 データシート(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1105 データシート(HTML) 67 Page - STMicroelectronics |
|
67 / 100 page ![]() 67/100 ST7 pCAN PERIPHERAL DRIVER } else { //If not, goes on processing CAN_transmit_queue.last_object=(CAN_transmit_queue.last_object- >next_object); CAN_transmit_queue.last_object->message=msg_to_queue; CAN_transmit_queue.fifo_size=(CAN_transmit_queue.fifo_size)+1; CAN_transmit_queue.isinuse=CFALSE; return CAN_TRANSMIT_SUCCESS; //Releases the queue } } /*-------------------------------------------------------------------------- ROUTINE NAME : CAN_Out_Queue INPUT/OUTPUT : -- /pointer on a CAN buffer DESCRIPTION : Returns a pointer on the first message in the transmission queue. Update the queue parameters COMMENTS : Called by CAN_TransmitRequest Must not be interrupted --------------------------------------------------------------------------*/ static CAN_Buffer* CAN_Out_Queue (void) { CAN_Buffer* result; if (CAN_transmit_queue.isinuse) //Necessary to avoid multiple simultaneous access { //to the datas return CAN_TRANSMIT_FATAL; //CAN_TRANSMIT_FATAL=0, that’s why the compiler authorises such a return value (<=>NULL) } CAN_transmit_queue.isinuse=CTRUE; //Locks the queue if ((CAN_transmit_queue.fifo_size)==0) //If the queue is empty { CAN_transmit_queue.isinuse=CFALSE; //Releases it return NULL; } else { //Else goes on processing |