| データシートサーチシステム |
|
AN1105 データシート(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1105 データシート(HTML) 97 Page - STMicroelectronics |
|
97 / 100 page ![]() 97/100 ST7 pCAN PERIPHERAL DRIVER @tiny volatile unsigned char CANRes00 @0x62; /* Reserved */ @tiny volatile unsigned char CANRes01 @0x63; /* Reserved */ @tiny volatile unsigned char CANRes02 @0x64; /* Reserved */ @tiny volatile unsigned char CANRes03 @0x65; /* Reserved */ @tiny volatile unsigned char CANRes04 @0x66; /* Reserved */ @tiny volatile unsigned char CANRes05 @0x67; /* Reserved */ @tiny volatile unsigned char CANRes06 @0x68; /* Reserved */ @tiny volatile unsigned char CANRes07 @0x69; /* Reserved */ @tiny volatile unsigned char CANRes08 @0x6a; /* Reserved */ @tiny volatile unsigned char CANRes09 @0x6b; /* Reserved */ @tiny volatile unsigned char CANRes010 @0x6c; /* Reserved */ @tiny volatile unsigned char CANTSTR @0x6d; /* Reserved */ @tiny volatile unsigned char CANTECR @0x6e; /* Transmit Error Counter */ @tiny volatile unsigned char CANRECR @0x6f; /* Receive Error Counter */ /* Pages 1,2,3: Identifiers */ @tiny volatile unsigned char CANIDHR @0x60; /* Identifier High Register */ @tiny volatile unsigned char CANIDLR @0x61; /* Identifier Low Register */ /* Pages 1,2,3: Data */ @tiny volatile unsigned char CANDR[8] @0x62; /* 8 Data Registers */ @tiny volatile unsigned char CANRes1230 @0x6a; /* Reserved */ @tiny volatile unsigned char CANRes1231 @0x6b; /* Reserved */ @tiny volatile unsigned char CANRes1232 @0x6c; /* Reserved */ @tiny volatile unsigned char CANRes1233 @0x6d; /* Reserved */ @tiny volatile unsigned char CANRes1234 @0x6e; /* Reserved */ @tiny volatile unsigned char CANBCSR @0x6f; /* Buffer Control Status Register*/ /* Buffers */ @tiny volatile unsigned char CANFHR0 @0x60; /* Filter 0 High Register */ @tiny volatile unsigned char CANFLR0 @0x61; /* Filter 0 Low Register */ @tiny volatile unsigned char CANMHR0 @0x62; /* Mask 0 High Register */ @tiny volatile unsigned char CANMLR0 @0x63; /* Mask 0 Low Register */ @tiny volatile unsigned char CANFHR1 @0x64; /* Filter 1 High Register */ @tiny volatile unsigned char CANFLR1 @0x65; /* Filter 1 Low Register */ @tiny volatile unsigned char CANMHR1 @0x66; /* Mask 1 High Register */ @tiny volatile unsigned char CANMLR1 @0x67; /* Mask 1 Low Register */ /*-------------------------REGISTER BITS DEFINITION-------------------------- */ #define RXIF3 7 /* Interrupt Status Register */ #define RXIF2 6 #define RXIF1 5 |