データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD703003 データシート(PDF) 47 Page - NEC

部品番号 UPD703003
部品情報  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD703003 データシート(HTML) 47 Page - NEC

Back Button UPD703003 Datasheet HTML 43Page - NEC UPD703003 Datasheet HTML 44Page - NEC UPD703003 Datasheet HTML 45Page - NEC UPD703003 Datasheet HTML 46Page - NEC UPD703003 Datasheet HTML 47Page - NEC UPD703003 Datasheet HTML 48Page - NEC UPD703003 Datasheet HTML 49Page - NEC UPD703003 Datasheet HTML 50Page - NEC UPD703003 Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
47
µPD703003
Data Sheet U12261EJ2V1DS00
Table 15-2. Symbols Used to Indicate Opcodes
Symbol
Description
R
1-bit data of code specifying reg1 or regID
r
1-bit data of code specifying reg2
d
1 bit of displaced data
i
1 bit of immediate data
cccc
4-bit data used to indicate condition code
bbb
3-bit data used to specify bit number
Table 15-3. Symbols Used to Indicate Operations
Symbol
Description
←
Assign
GR [ ]
General register
SR [ ]
System register
zero-extend (n)
Zero-extend n up until word length
sign-extend (n)
Sign-extend n up until word length
load-memory (a, b)
Read data having size b from address a
store-memory (a, b, c)
Replace data b at address a with data having size c
load-memory-bit (a, b)
Read bit b from address a
store-memory-bit (a, b, c)
Write c to bit b from address a
saturated (n)
Execute saturation processing for n (n = complement to 2)
Calculation of n:
When n
≥ 7FFFFFFFH, result is 7FFFFFFFH.
When n
≤ 80000000H, result is 80000000H.
result
Result is indicated by flag operations
Byte
Byte (8 bits)
Halfword
Half word (16 bits)
Word
Word (32 bits)
+
Add
–
Subtract
||
Bit linkage
×
Multiply
÷
Divide
AND
Logical AND
OR
Logical OR
XOR
Exclusive OR
NOT
Logical NOT
logically shift left by
Logical shift left
logically shift right by
Logical shift right
arithmetically shift right by
Arithmetic shift right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82