データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD703003 データシート(PDF) 11 Page - NEC

部品番号 UPD703003
部品情報  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD703003 データシート(HTML) 11 Page - NEC

Back Button UPD703003 Datasheet HTML 7Page - NEC UPD703003 Datasheet HTML 8Page - NEC UPD703003 Datasheet HTML 9Page - NEC UPD703003 Datasheet HTML 10Page - NEC UPD703003 Datasheet HTML 11Page - NEC UPD703003 Datasheet HTML 12Page - NEC UPD703003 Datasheet HTML 13Page - NEC UPD703003 Datasheet HTML 14Page - NEC UPD703003 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
11
µPD703003
Data Sheet U12261EJ2V1DS00
2.3 I/O Circuits of Pins and Processing of Unused Pins
Table 2-1 lists I/O circuit type of respective pins and processing method (recommended connection method) when
not used. Figure 2-1 illustrates the various circuit types using partially abridged diagrams.
When connecting to VDD or VSS via a resistor, a resistance value in the range of 1 to 10 k
Ω is recommended.
Table 2-1. I/O Circuits of Pins and Processing of Unused Pins (1/2)
Pin
I/O Circuit Type
Recommended Connection Method
P00/TO110, P01/TO111
5
Input: Connect to VDD or VSS separately via a resistor
P02/TCLR11, P03/TI11,
8
Output: Leave open
P04/INTP110 to P07/INTP113/ADTRG
P10/TO120, P11/TO121
5
P12/TCLR12, P13/TI12
8
P14/INTP120
P15/INTP121/SO2
P16/INTP122/SI2
P17/INTP123/SCK2
P20/PWM0, P21/PWM1
5
P22/TXD0/SO0
P23/RXD0/SI0, P24/SCK0
8
P25/TXD1/SO1
5
P26/RXD1/SI1, P27/SCK1
8
P30/TO130, P31/TO131
5
P32/TCLR13, P33/TI13
8
P34/INTP130
P35/INTP131/SO3
10-A
P36/INTP132/SI3
P37/INTP133/SCK3
P40/AD0 to P47/AD7
5
P50/AD8 to P57/AD15
P60/A16 to P63/A19
P70/ANI0 to P77/ANI7
9
Connect directly to VSS
P90/LBEN
5
Input: Connect to VDD or VSS separately via a resistor
P91/UBEN
Output: Leave open
P92/R/W
P93/DSTB
P94/ASTB
P95/HLDAK
P96/HLDRQ
P110/TO140, P111/TO141
P112/TCLR14, P113/TI14
8
P114/INTP140 to P117/INTP143
ANO0, ANO1
12
Leave open
NMI
2
Connect directly to VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82