データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPD703003 データシート(PDF) 22 Page - NEC

部品番号 UPD703003
部品情報  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPD703003 データシート(HTML) 22 Page - NEC

Back Button UPD703003 Datasheet HTML 18Page - NEC UPD703003 Datasheet HTML 19Page - NEC UPD703003 Datasheet HTML 20Page - NEC UPD703003 Datasheet HTML 21Page - NEC UPD703003 Datasheet HTML 22Page - NEC UPD703003 Datasheet HTML 23Page - NEC UPD703003 Datasheet HTML 24Page - NEC UPD703003 Datasheet HTML 25Page - NEC UPD703003 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
µPD703003
22
Data Sheet U12261EJ2V1DS00
8. TIMER/COUNTER FUNCTIONS (REAL-TIME PULSE UNIT)
The features of the timer/counter functions are shown below.
• Measurement of pulse interval and frequency, programmable pulse output
• 16-bit measurements enabled
• Generates a variety of pulse patterns (interval pulse, one-shot pulse, etc.)
• Timer 1
• 16-bit timer/event counter
• Count clock sources: two types (selection of an internal system clock division, external pulse input)
• Capture/compare (shared) registers: 16
• Count clear pins: TCLR11 to TCLR14
• Interrupt sources: 20 types
• External pulse outputs: 8
• Timer 4
• 16-bit interval timer
• Count clock: selected from an internal system clock division
• Compare register: 1
• Interrupt sources: 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82