データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3209 データシート(PDF) 14 Page - STMicroelectronics

部品番号 AN3209
部品情報  Developing your M24LR64-R datalogger application for temperature acquisition
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3209 データシート(HTML) 14 Page - STMicroelectronics

Back Button AN3209 Datasheet HTML 10Page - STMicroelectronics AN3209 Datasheet HTML 11Page - STMicroelectronics AN3209 Datasheet HTML 12Page - STMicroelectronics AN3209 Datasheet HTML 13Page - STMicroelectronics AN3209 Datasheet HTML 14Page - STMicroelectronics AN3209 Datasheet HTML 15Page - STMicroelectronics AN3209 Datasheet HTML 16Page - STMicroelectronics AN3209 Datasheet HTML 17Page - STMicroelectronics AN3209 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Component overview
AN3209
14/42
Doc ID 17419 Rev 2
Temp [1] is the MSB. For example, if Nb Temp [0] equals 0xF3 and Nb Temp [1] equals
0x02, then the number of acquired temperature values is 0x02F3 (755d).
Application data
●
Temp bytes
Tempx[0] and Tempx[1] contain the raw temperature (see Table 4), x ranging from 1 to
4092. For example if Tempx[0] = 0x1E and Tempx[1] is 0x80, the concatenation of
these two bytes gives the temperature value that is 0x1E80 corresponding to 30.5 °C
(according to the temperature sensor format).
The temperature format conversion is performed by issuing the following Visual Basic
command:
function convert_temp (TempToConvert As String) As Single



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42