データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3209 データシート(PDF) 28 Page - STMicroelectronics

部品番号 AN3209
部品情報  Developing your M24LR64-R datalogger application for temperature acquisition
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3209 データシート(HTML) 28 Page - STMicroelectronics

Back Button AN3209 Datasheet HTML 24Page - STMicroelectronics AN3209 Datasheet HTML 25Page - STMicroelectronics AN3209 Datasheet HTML 26Page - STMicroelectronics AN3209 Datasheet HTML 27Page - STMicroelectronics AN3209 Datasheet HTML 28Page - STMicroelectronics AN3209 Datasheet HTML 29Page - STMicroelectronics AN3209 Datasheet HTML 30Page - STMicroelectronics AN3209 Datasheet HTML 31Page - STMicroelectronics AN3209 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
PC software
AN3209
28/42
Doc ID 17419 Rev 2
5
PC software
Once the setup.exe file is installed, the M24LR64-R_Datalogger_application_software
project is available under C:\Program Files\M24LR64-
R_Datalogger_Application\sources\M24LR64-R_Datalogger_application_software, or
from the menu Start > M24LR64-R_Datalogger_Application > M24LR64-
R_Datalogger_application_software.
The M24LR64-R_Datalogger_application_software is developed with Visual Basic 6.0.
Double click on DATA LOGGER\source code\Software\Launch Project.vbp to open the
corresponding workspace in Visual Basic.
5.1
Description of the PC software
A user interface features all the functions and options to launch and control the temperature
sensing datalogger application (see Figure 22):
●
START/STOP button (see Section 5.1.1)
●
STOP button (see Section 5.1.2)
●
TRACE GRAPH button (see Section 5.1.3)
●
Dynamic view checkbox (see Section 5.1.4)
Figure 22.
M24LR64-R_Datalogger_application_software home page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42