データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3209 データシート(PDF) 38 Page - STMicroelectronics

部品番号 AN3209
部品情報  Developing your M24LR64-R datalogger application for temperature acquisition
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3209 データシート(HTML) 38 Page - STMicroelectronics

Back Button AN3209 Datasheet HTML 34Page - STMicroelectronics AN3209 Datasheet HTML 35Page - STMicroelectronics AN3209 Datasheet HTML 36Page - STMicroelectronics AN3209 Datasheet HTML 37Page - STMicroelectronics AN3209 Datasheet HTML 38Page - STMicroelectronics AN3209 Datasheet HTML 39Page - STMicroelectronics AN3209 Datasheet HTML 40Page - STMicroelectronics AN3209 Datasheet HTML 41Page - STMicroelectronics AN3209 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
M24LR64-R RF commands
AN3209
38/42
Doc ID 17419 Rev 2
B.5
Write single block
The Write Single Block ISO 15693 command is performed calling the
ReadRF_multiple_DataLogger() function WriteSingleBlockRF_DataLogger() function:
.
B.6
estar commands
All previous Visual Basic functions are compatible with estar readers.
Table 14.
WriteSingleBlockRF_DataLogger()
Function description
Prototype
Function WriteSingleBlockRF_DataLogger(lngadd As Long, strData
As String, lngDataSize As Long, lngNbBytesAddress As Byte) As
Integer
Parameters
lngadd: address where the data must be written
strData: String containing the data to be written
lngDataSize:number of data bytes to be written
lngNbBytesAddress: number of bytes used to code the address
Returned
value
ErrorStatus:
SUCCEEDED
FAILED
Example
WriteSingleBlockRF_DataLogger(0, Data_To_Send, 4, 2) returns SUCCEEDED if
the data write has succeeded, FAILED otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42