| データシートサーチシステム |
|
AN3224 データシート(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3224 データシート(HTML) 19 Page - STMicroelectronics |
|
19 / 49 page ![]() AN3224 PR101-USB and MR101-USB reader detection Doc ID 17559 Rev 2 19/49 4.1.6 FEISC_NewReader FEISC_NewReader Visual Basic prototype Table 11 illustrates the FEISC_NewReader Visual Basic function. FEISC_NewReader C/C++ prototype Table 12 illustrates the FEISC_NewReader C/C++ function. Table 11. FEISC_NewReader Visual Basic function Function description Declaration Public Declare Function FEISC_NewReader Lib "FEISC.DLL" (ByVal iPortHnd As Long) As Long Prototype lngAttachedDeviceHandle(1) = FEISC_NewReader(iHandle) Parameters iHandle: USB reader handle which has been filled in after the reader detection process for FEUSB functions (FEUSB_OpenDevice) Returned value lngAttachedDeviceHandle(1): USB reader handle for FEISC functions Otherwise FEISC error code Table 12. FEISC_NewReader C/C++ function Function description Declaration int DLL_EXT_FUNC FEISC_NewReader( int iPortHnd ); Prototype iFeiscHandle = FEISC_NewReader(iDeviceHandle) Parameters iHandle: USB reader handle which has been filled in after the reader detection process for FEUSB functions (FEUSB_OpenDevice) Returned value lngAttachedDeviceHandle(1): USB reader handle for FEISC functions Otherwise FEISC error code |