データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3224 データシート(PDF) 44 Page - STMicroelectronics

部品番号 AN3224
部品情報  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 データシート(HTML) 44 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 40Page - STMicroelectronics AN3224 Datasheet HTML 41Page - STMicroelectronics AN3224 Datasheet HTML 42Page - STMicroelectronics AN3224 Datasheet HTML 43Page - STMicroelectronics AN3224 Datasheet HTML 44Page - STMicroelectronics AN3224 Datasheet HTML 45Page - STMicroelectronics AN3224 Datasheet HTML 46Page - STMicroelectronics AN3224 Datasheet HTML 47Page - STMicroelectronics AN3224 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Useful source code zip files
AN3224
44/49
Doc ID 17559 Rev 2
Appendix B
Useful source code zip files
The AN3224.zip package contains two simple projects to test the RF ISO 15693 High-level
and Transparent commands. These projects can be used to understand how to develop an
application to communicate with the FEIG RF USB readers:
●
AN3224_VB_sourcecode folder contains the Visual Basic project
●
AN3224_C_sourcecode folder contains the C/C++ project,
The AN3224.zip package can be downloaded from http://www.st.com/dualeeprom.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49