| データシートサーチシステム |
|
AN3224 データシート(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3224 データシート(HTML) 45 Page - STMicroelectronics |
|
45 / 49 page ![]() AN3224 List of error codes Doc ID 17559 Rev 2 45/49 Appendix C List of error codes C.1 FEUSB error codes The error codes which are returned by the FEUSB ISO 15693 and I2C commands are the following: C.1.1 Common errors #define FEUSB_ERR_EMPTY_DEVICELIST -1100 #define FEUSB_ERR_EMPTY_SCANLIST -1101 #define FEUSB_ERR_POINTER_IS_NULL -1102 #define FEUSB_ERR_NO_MORE_MEM -1103 #define FEUSB_ERR_SET_CONFIGURATION -1104 #define FEUSB_ERR_KERNEL -1105 #define FEUSB_ERR_UNSUPPORTED_OPTION -1106 #define FEUSB_ERR_UNSUPPORTED_METHOD -1107 C.1.2 Scanning errors #define FEUSB_ERR_NO_FEIG_DEVICE -1110 #define FEUSB_ERR_NO_FEIG_DEVICE -1110 #define FEUSB_ERR_SEARCH_MISMATCH -1111 #define FEUSB_ERR_NO_DEVICE_FOUND -1112 #define FEUSB_ERR_DEVICE_IS_SCANNED -1113 #define FEUSB_ERR_SCANLIST_OVERFLOW -1114 C.1.3 Handle errors #define FEUSB_ERR_UNKNOWN_HND -1120 #define FEUSB_ERR_HND_IS_NULL -1121 #define FEUSB_ERR_HND_IS_NEGATIVE -1122 #define FEUSB_ERR_NO_HND_FOUND -1123 C.1.4 Communication errors #define FEUSB_ERR_TIMEOUT ‐1130 #defineFEUSB_ERR_TIMEOUT ‐1130 #define FEUSB_ERR_N O_SENDDATA ‐1131 #define FEUSB_ERR_UNKNOWN_INTERFACE ‐1132 #define FEUSB_ERR_UNKNOWN_DIRECTION ‐1133 #define FEUSB_ERR_RECBUF_TOO_SMALL ‐1134 #define FEUSB_ERR_SENDDATA_LEN ‐1135 #define FEUSB_ERR_UNKNOWN_DESCRIPTOR_TYPE ‐1136 #define FEUSB_ERR_DEVICE_NOT_PRESENT ‐1137 C.1.5 Open/close device errors #define FEUSB_ERR_DEVICE_NOT_SCANNED -1140 #define FEUSB_ERR_DEVHND_NOT_IN_SCANLIST -1141 #define FEUSB_ERR_DRIVERLIST -1142 |