データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0214 データシート(PDF) 56 Page - STMicroelectronics

部品番号 PM0214
部品情報  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 データシート(HTML) 56 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 52Page - STMicroelectronics PM0214 Datasheet HTML 53Page - STMicroelectronics PM0214 Datasheet HTML 54Page - STMicroelectronics PM0214 Datasheet HTML 55Page - STMicroelectronics PM0214 Datasheet HTML 56Page - STMicroelectronics PM0214 Datasheet HTML 57Page - STMicroelectronics PM0214 Datasheet HTML 58Page - STMicroelectronics PM0214 Datasheet HTML 59Page - STMicroelectronics PM0214 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
56/245
DocID022708 Rev 4
VCMP.F32
Sd, <Sm | #0.0>
Compare two floating-point
registers, or one floating-point
register and zero
FPSCR 3.10.3 on page 150
VCMPE.F32 Sd, <Sm | #0.0>
Compare two floating-point
registers, or one floating-point
register and zero with Invalid
Operation check
FPSCR 3.10.3 on page 150
VCVT.S32.F
32
Sd, Sm
Convert between floating-point
and integer
—
3.10.4 on page 151
VCVT.S16.F
32
Sd, Sd, #fbits
Convert between floating-point
and fixed point
—
3.10.4 on page 151
VCVTR.S32.
F32
Sd, Sm
Convert between floating-point
and integer with rounding
—
3.10.4 on page 151
VCVT<B|H>.
F32.F16
Sd, Sm
Converts half-precision value
to single-precision
—
3.10.5 on page 152
VCVTT<B|T
>.F32.F16
Sd, Sm
Converts single-precision
register to half-precision
—
3.10.6 on page 153
VDIV.F32
{Sd,} Sn, Sm
Floating-point divide
—
3.10.7 on page 154
VFMA.F32
{Sd,} Sn, Sm
Floating-point fused multiply
accumulate
—
3.10.8 on page 154
VFNMA.F32 {Sd,} Sn, Sm
Floating-point fused negate
multiply accumulate
—
3.10.9 on page 155
VFMS.F32
{Sd,} Sn, Sm
Floating-point fused multiply
subtract
—
3.10.8 on page 154
VFNMS.F32 {Sd,} Sn, Sm
Floating-point fused negate
multiply subtract
—
3.10.9 on page 155
VLDM.F<32|
64>
Rn{!}, list
Load multiple extension
registers
—
3.10.10 on page
156
VLDR.F<32|
64>
<Dd|Sd>, [Rn]
Load an extension register
from memory
—
3.10.11 on page
157
VLMA.F32
{Sd,} Sn, Sm
Floating-point multiply
accumulate
—
3.10.12 on page
158
VLMS.F32
{Sd,} Sn, Sm
Floating-point multiply subtract —
3.10.12 on page
158
VMOV.F32
Sd, #imm
Floating-point move
immediate
—
3.10.13 on page
158
VMOV
Sd, Sm
Floating-point move register
—
3.10.14 on page
159
VMOV
Sn, Rt
Copy ARM core register to
single precision
—
3.10.18 on page
162
VMOV
Sm, Sm1, Rt, Rt2
Copy 2 ARM core registers to
2 single precision
—
3.10.17 on page
161
Table 21. Cortex-M4 instructions (continued)
Mnemonic
Operands
Brief description
Flags
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More