データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0214 データシート(PDF) 39 Page - STMicroelectronics

部品番号 PM0214
部品情報  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 データシート(HTML) 39 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 35Page - STMicroelectronics PM0214 Datasheet HTML 36Page - STMicroelectronics PM0214 Datasheet HTML 37Page - STMicroelectronics PM0214 Datasheet HTML 38Page - STMicroelectronics PM0214 Datasheet HTML 39Page - STMicroelectronics PM0214 Datasheet HTML 40Page - STMicroelectronics PM0214 Datasheet HTML 41Page - STMicroelectronics PM0214 Datasheet HTML 42Page - STMicroelectronics PM0214 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 245 page
background image
DocID022708 Rev 4
39/245
PM0214
The Cortex-M4 processor
244
2.3.4
Vector table
The vector table contains the reset value of the stack pointer, and the start addresses, also
called exception vectors, for all exception handlers. Figure 11 on page 39 shows the order
of the exception vectors in the vector table. The least-significant bit of each vector must be
1, indicating that the exception handler is Thumb code.
Figure 11. Vector table
On system reset, the vector table is fixed at address 0x00000000. Privileged software can
write to the VTOR to relocate the vector table start address to a different memory location, in
the range 0x00000080 to 0x3FFFFF80, see Vector table offset register (VTOR) on
page 212.
Initial SP value
Reset
Hard fault
NMI
Memory management fault
Usage fault
Bus fault
0x0000
0x0004
0x0008
0x000C
0x0010
0x0014
0x0018
Reserved
SVCall
PendSV
Reserved for Debug
Systick
IRQ0
Reserved
0x002C
0x0038
0x003C
0x0040
Offset
Exception number
2
3
4
5
6
11
12
14
15
16
18
13
7
10
1
Vector
.
.
.
8
9
IRQ1
IRQ2
0x0044
IRQ239
17
0x0048
0x004C
255
.
.
.
.
.
.
0x03FC
IRQ number
-14
-13
-12
-11
-10
-5
-2
-1
0
2
1
239
MS30018V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More