データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0214 データシート(PDF) 84 Page - STMicroelectronics

部品番号 PM0214
部品情報  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 データシート(HTML) 84 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 80Page - STMicroelectronics PM0214 Datasheet HTML 81Page - STMicroelectronics PM0214 Datasheet HTML 82Page - STMicroelectronics PM0214 Datasheet HTML 83Page - STMicroelectronics PM0214 Datasheet HTML 84Page - STMicroelectronics PM0214 Datasheet HTML 85Page - STMicroelectronics PM0214 Datasheet HTML 86Page - STMicroelectronics PM0214 Datasheet HTML 87Page - STMicroelectronics PM0214 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
84/245
DocID022708 Rev 4
Multiword values do not have to use consecutive registers. Specific example 5: 96-bit
subtraction shows instructions that subtract a 96-bit integer contained in R9, R1, and R11
from another contained in R6, R2, and R8. The example stores the result in R6, R9, and R2.
Specific example 5: 96-bit subtraction
SUBS R6, R6, R9
; subtract the least significant words
SBCS R9, R2, R1
; subtract the middle words with carry
SBC R2, R8, R11
; subtract the most significant words with carry
3.5.2
AND, ORR, EOR, BIC, and ORN
Logical AND, OR, exclusive OR, bit clear, and OR NOT.
Syntax
op{S}{cond} {Rd,} Rn, Operand2
where:
•
‘op’ is one of:
AND: Logical AND
ORR: Logical OR or bit set
EOR: Logical exclusive OR
BIC: Logical AND NOT or bit clear
ORN: Logical OR NOT
•
‘S’ is an optional suffix. If S is specified, the condition code flags are updated on the
result of the operation (see Conditional execution on page 64).
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘Rd’ is the destination register
•
‘Rn’ is the register holding the first operand
•
‘Operand2’ is a flexible second operand (see Flexible second operand on page 59 for
details of the options).
Operation
The AND, EOR, and ORR instructions perform bitwise AND, exclusive OR, and OR
operations on the values in Rn and operand2.
The BIC instruction performs an AND operation on the bits in Rn with the complements of
the corresponding bits in the value of operand2.
The ORN instruction performs an OR operation on the bits in Rn with the complements of
the corresponding bits in the value of operand2.
Restrictions
Do not use either SP or PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More