| データシートサーチシステム |
|
PM0214 データシート(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0214 データシート(HTML) 87 Page - STMicroelectronics |
|
87 / 245 page ![]() DocID022708 Rev 4 87/245 PM0214 The STM32 Cortex-M4 instruction set 244 Examples CLZ R4,R9 CLZNE R2,R3 3.5.5 CMP and CMN Compare and compare negative. Syntax CMP{cond} Rn, Operand2 CMN{cond} Rn, Operand2 where: • ‘cond’ is an optional condition code (see Conditional execution on page 64) • ‘Rn’ is the register holding the first operand • ‘Operand2’ is a flexible second operand (see Flexible second operand on page 59) for details of the options. Operation These instructions compare the value in a register with operand2. They update the condition flags on the result, but do not write the result to a register. The CMP instruction subtracts the value of operand2 from the value in Rn. This is the same as a SUBS instruction, except that the result is discarded. The CMN instruction adds the value of operand2 to the value in Rn. This is the same as an ADDS instruction, except that the result is discarded. Restrictions In these instructions: • Do not use PC • Operand2 must not be SP Condition flags These instructions update the N, Z, C and V flags according to the result. Examples CMP R2, R9 CMN R0, #6400 CMPGT SP, R7, LSL #2 |