データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0214 データシート(PDF) 120 Page - STMicroelectronics

部品番号 PM0214
部品情報  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 データシート(HTML) 120 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 116Page - STMicroelectronics PM0214 Datasheet HTML 117Page - STMicroelectronics PM0214 Datasheet HTML 118Page - STMicroelectronics PM0214 Datasheet HTML 119Page - STMicroelectronics PM0214 Datasheet HTML 120Page - STMicroelectronics PM0214 Datasheet HTML 121Page - STMicroelectronics PM0214 Datasheet HTML 122Page - STMicroelectronics PM0214 Datasheet HTML 123Page - STMicroelectronics PM0214 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 245 page
background image
The STM32 Cortex-M4 instruction set
PM0214
120/245
DocID022708 Rev 4
3.6.9
SMUAD and SMUSD
Signed dual multiply add and Signed dual multiply subtract
Syntax
op{X}{cond} Rd, Rn, Rm
where:
•
op is one of:
SMUAD: Signed dual multiply add.
SMUADX: Signed dual multiply add reversed.
SMUSD: Signed dual multiply subtract.
SMUSDX: Signed dual multiply subtract reversed.
–
If X is present, the multiplications are bottom × top and top × bottom.
If the X is omitted, the multiplications are bottom × bottom and top × top.
•
‘cond’ is an optional condition code (see Conditional execution on page 64)
•
‘Rd’ is the destination register.
•
‘Rn’, ‘Rm’ are registers holding the first and second operands
Operation
SMUAD interprets first and second operand values as two signed halfwords:
1.
Optionally rotates the halfwords of the second operand.
2.
Performs two signed 16 × 16-bit multiplications.
3.
Adds the two multiplication results together.
4.
Writes the result of the addition to the destination register.
SMUSD interprets the values from the first and second operands as two’s complement
signed integers:
1.
Optionally rotates the halfwords of the second operand.
2.
Performs two signed 16 × 16-bit multiplications.
3.
Subtracts the result of the top halfword multiplication from the result of the bottom
halfword multiplication.
4.
Writes the result of the subtraction to the destination register.
Restrictions
In these instructions: Do not use SP or PC.
Condition flags
Sets the Q flag if the addition overflows. The multiplications cannot overflow.
Examples
SMUAD
R0, R4, R5 ; Multiplies bottom halfword of R4 with the bottom
; halfword of R5, adds multiplication of top halfword
; of R4 with top halfword of R5, writes to R0
SMUADX
R3, R7, R4 ; Multiplies bottom halfword of R7 with top halfword
; of R4, adds multiplication of top halfword of R7
; with bottom halfword of R4, writes to R3
SMUSD
R3, R6, R2 ; Multiplies bottom halfword of R4 with bottom halfword
; of R6, subtracts multiplication of top halfword of R6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More