データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM0214 データシート(PDF) 228 Page - STMicroelectronics

部品番号 PM0214
部品情報  This programming manual provides information
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0214 データシート(HTML) 228 Page - STMicroelectronics

Back Button PM0214 Datasheet HTML 224Page - STMicroelectronics PM0214 Datasheet HTML 225Page - STMicroelectronics PM0214 Datasheet HTML 226Page - STMicroelectronics PM0214 Datasheet HTML 227Page - STMicroelectronics PM0214 Datasheet HTML 228Page - STMicroelectronics PM0214 Datasheet HTML 229Page - STMicroelectronics PM0214 Datasheet HTML 230Page - STMicroelectronics PM0214 Datasheet HTML 231Page - STMicroelectronics PM0214 Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 245 page
background image
Core peripherals
PM0214
228/245
DocID022708 Rev 4
4.4.19
SCB register map
The table provides shows the System control block register map and reset values. The base
address of the SCB register block is 0xE000 ED00 for register described in Table 53.
Table 53. SCB register map and reset values
Offset
Register
0x00
CPUID
Implementer
Variant
Constant
PartNo
Revision
Reset Value
0100000 1000111111 10 00 0 1 0 0 0 1 1 0 0 0 1
0x04
ICSR
VECTPENDING[9:0]
VECTACTIVE[8:0]
Reset Value
0
0000
00000000 00 00
0 0 0 0 0 0 0 0 0
0x08
VTOR
TABLEOFF[29:9]
Reserved
Reset Value
00000 0000000000 00 00 0 0
0x0C
AIRCR
VECTKEY[15:0]
Reserved
Reserved
Reset Value
1111101 0000001010
0 0 0
0 0 0
0x10
SCR
Reserved
Reset Value
00 0
0x14
CCR
Reserved
Reset Value
1 0
0 0
0 0
0x18
SHPR1
Reserved
PRI6
PRI5
PRI4
Reset Value
000000000 00 00 0 0 0 0 0 0 0 0 0 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More