データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0991 データシート(PDF) 9 Page - STMicroelectronics

部品番号 UM0991
部品情報  Developing and debugging your STM8L-DISCOVERY application code
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0991 データシート(HTML) 9 Page - STMicroelectronics

Back Button UM0991 Datasheet HTML 5Page - STMicroelectronics UM0991 Datasheet HTML 6Page - STMicroelectronics UM0991 Datasheet HTML 7Page - STMicroelectronics UM0991 Datasheet HTML 8Page - STMicroelectronics UM0991 Datasheet HTML 9Page - STMicroelectronics UM0991 Datasheet HTML 10Page - STMicroelectronics UM0991 Datasheet HTML 11Page - STMicroelectronics UM0991 Datasheet HTML 12Page - STMicroelectronics UM0991 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
UM0991
Installing the development toolchain
Doc ID 17891 Rev 2
9/52
2
Installing the development toolchain
2.1
Downloading and installing STVD
STVD software is available at http://www.st.com.
To install STVD, download the installation software and follow each step of the installation
wizard.
When the installation is complete, the executable is available from
START>Programs>ST Toolset>Developement Tools>ST Visual Develop or under
C:\Program Files\STMicroelectronics\st_toolset\stvd.
2.2
Downloading and installing the compilers
Cosmic and Raisonance compilers are compatible with STVD. They are available together
with their documentation at the following urls:
●
Cosmic: http://www.cosmicsoftware.com/download_stm8_16k.php
●
Cosmic: http://www.cosmicsoftware.com/download_stm8_32k.php
●
Raisonance: http://www.mcu-raisonance.com
Please note that the Cosmic 32K version does not include direct support from Cosmic.
Note:
A free license is required to use the compilers.
2.2.1
Installing the Cosmic compiler
To install the Cosmic compiler, follow the sequence described below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52