データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0991 データシート(PDF) 41 Page - STMicroelectronics

部品番号 UM0991
部品情報  Developing and debugging your STM8L-DISCOVERY application code
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0991 データシート(HTML) 41 Page - STMicroelectronics

Back Button UM0991 Datasheet HTML 37Page - STMicroelectronics UM0991 Datasheet HTML 38Page - STMicroelectronics UM0991 Datasheet HTML 39Page - STMicroelectronics UM0991 Datasheet HTML 40Page - STMicroelectronics UM0991 Datasheet HTML 41Page - STMicroelectronics UM0991 Datasheet HTML 42Page - STMicroelectronics UM0991 Datasheet HTML 43Page - STMicroelectronics UM0991 Datasheet HTML 44Page - STMicroelectronics UM0991 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
UM0991
Building and running your project
Doc ID 17891 Rev 2
41/52
4.
Select the MCU to be used: right click on projects - Debug in the workspace window
then select options and General Option as Category. Then browse the Device
STM8L152C6 from the STM8L list. Make sure that MCU selected is displayed in the
Device field before clicking OK (see Figure 35).
Figure 35.
Select the MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52