データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0991 データシート(PDF) 25 Page - STMicroelectronics

部品番号 UM0991
部品情報  Developing and debugging your STM8L-DISCOVERY application code
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0991 データシート(HTML) 25 Page - STMicroelectronics

Back Button UM0991 Datasheet HTML 21Page - STMicroelectronics UM0991 Datasheet HTML 22Page - STMicroelectronics UM0991 Datasheet HTML 23Page - STMicroelectronics UM0991 Datasheet HTML 24Page - STMicroelectronics UM0991 Datasheet HTML 25Page - STMicroelectronics UM0991 Datasheet HTML 26Page - STMicroelectronics UM0991 Datasheet HTML 27Page - STMicroelectronics UM0991 Datasheet HTML 28Page - STMicroelectronics UM0991 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
UM0991
Configuring the option bytes for your application
Doc ID 17891 Rev 2
25/52
Figure 19.
STVP option byte selection menu
7.
To program an option byte to a new value:
a)
Click the option byte description, and select the value.
b)
Click Program>Current tab in the main menu toolbar (see Figure 20).
c)
If the operation has completed successfully, a confirmation message is displayed
in the Output window (see Figure 21).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52