| データシートサーチシステム |
|
UM0991 データシート(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0991 データシート(HTML) 30 Page - STMicroelectronics |
|
30 / 52 page ![]() Building and running your project UM0991 30/52 Doc ID 17891 Rev 2 Figure 23. Selecting the debug instrument 5.2.2 With IAR Embedded Workbench Follow the steps below: 1. Install the development toolchain (see Section 2: Installing the development toolchain) – IAR Embedded Workbench for STM8 2. Download the STM8L-Discovery_dev.zip file and extract the directory STM8L- Discovery_dev on your PC (see Section 5.1: Description of the STM8L-DISCOVERY development package) 3. Run IAR Embedded Workbench From START>Programs>IAR Systems>IAR Embedded Workbench for STMicroelectronics STM8>IAR Embedded Workbench a) Select File -> Open -> Workspace b) Browse for the project file .eww of the example you intend to run : – Discover example: STM8L- Discovery_dev\Project\Discover\EWSTM8\Discover.eww – WavesGenerator example: STM8L- Discovery_dev\Project\WavesGenerator\EWSTM8\WavesGenerator.eww 4. Configures IAR to use ST-LINK as debug instrument (see Figure 23): a) Right click your project name ??? then select Options. b) Select Driver ST-LINK in the setup tab of the Debugger Category 5. Click Project -> Rebuild All to build your application. 6. Clicking Project -> Download and Debug to start the debug session. 7. Click Debug -> Go to run you application. 8. The application code example you have selected is now running. Check if it operates in compliance with what is described in the associated application note. You can also use |