データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4635 データシート(PDF) 9 Page - STMicroelectronics

部品番号 AN4635
部品情報  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 データシート(HTML) 9 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 5Page - STMicroelectronics AN4635 Datasheet HTML 6Page - STMicroelectronics AN4635 Datasheet HTML 7Page - STMicroelectronics AN4635 Datasheet HTML 8Page - STMicroelectronics AN4635 Datasheet HTML 9Page - STMicroelectronics AN4635 Datasheet HTML 10Page - STMicroelectronics AN4635 Datasheet HTML 11Page - STMicroelectronics AN4635 Datasheet HTML 12Page - STMicroelectronics AN4635 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
DocID027290 Rev 1
9/34
AN4635
Operation modes
33
3.4.2
Combining DMA with direct access
The DMA channel is convenient for transmission of data, and it’s power efficient during
reception.
The downside is that in DMA mode the LPUART cannot take advantage of wakeup from
Stop mode. The reason is that after wakeup event the DMA has difficulty picking up on the
ongoing communication. This is a serious disadvantage for all applications that tend to
remain idle for long periods of time.
However the DMA can still be used for transmission and then reception can proceed with
blocking or interrupt approach. In communication systems where incoming messages are
coming in quick succession or predictable timing, the DMA based reception may also be an
efficient option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34