データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4635 データシート(PDF) 30 Page - STMicroelectronics

部品番号 AN4635
部品情報  Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4635 データシート(HTML) 30 Page - STMicroelectronics

Back Button AN4635 Datasheet HTML 26Page - STMicroelectronics AN4635 Datasheet HTML 27Page - STMicroelectronics AN4635 Datasheet HTML 28Page - STMicroelectronics AN4635 Datasheet HTML 29Page - STMicroelectronics AN4635 Datasheet HTML 30Page - STMicroelectronics AN4635 Datasheet HTML 31Page - STMicroelectronics AN4635 Datasheet HTML 32Page - STMicroelectronics AN4635 Datasheet HTML 33Page - STMicroelectronics AN4635 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Power consumption comparison
AN4635
30/34
DocID027290 Rev 1
ULP/FWU
+/+
Baud rate
9600
SW used
Interrupt operation (Com IT) modified
with Tx line internal PULL UP
Interrupt operation (Com IT)
Table 15. Configurations - GPIO pull-up (continued)
Curve in Figure 13
Black
Red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34