| データシートサーチシステム |
|
UM1865 データシート(PDF) 109 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1865 データシート(HTML) 109 Page - STMicroelectronics |
|
109 / 132 page ![]() DocID027514 Rev 1 109/132 UM1865 Vendor specific commands 132 4.5.41 Aci_Gatt_Set_Security_Permission Description: This command sets the security permission for the attribute handle specified. Currently the setting of security permission is allowed only for client configuration descriptor. Event(s) generated: A command complete event is generated when this command is processed. Table 244. Aci_Gatt_Set_Security_Permission Command name Parameters Return Aci_Gatt_Set_Security_Permission (0xFD28) Service handle Attr handle Security permission Status Table 245. Aci_Gatt_Set_Security_Permission command parameters Parameter Size Description Service handle 2 bytes Handle of the service which contains the attribute whose security permission has to be modified. Attr handle 2 bytes Handle of the attribute whose security permission has to be modified. Security permission 1 byte 0x00: ATTR_PERMISSION_NONE 0x01: ATTR_PERMISSION_AUTHEN_READ 0x02: ATTR_PERMISSION_AUTHOR_READ 0x04: ATTR_PERMISSION_ENCRY_READ 0x08: ATTR_PERMISSION_AUTHEN_WRITE 0x10: ATTR_PERMISSION_AUTHOR_WRITE 0x20: ATTR_PERMISSION_ENCRY_WRITE Table 246. Aci_Gatt_Set_Security_Permission return parameters Parameter Size Description Status 1 byte 0x00: Success 0x12: Invalid parameters 0x41: Failed Could not find the handle specified or the handle is not of a client configuration descriptor |