データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1865 データシート(PDF) 112 Page - STMicroelectronics

部品番号 UM1865
部品情報  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 データシート(HTML) 112 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 108Page - STMicroelectronics UM1865 Datasheet HTML 109Page - STMicroelectronics UM1865 Datasheet HTML 110Page - STMicroelectronics UM1865 Datasheet HTML 111Page - STMicroelectronics UM1865 Datasheet HTML 112Page - STMicroelectronics UM1865 Datasheet HTML 113Page - STMicroelectronics UM1865 Datasheet HTML 114Page - STMicroelectronics UM1865 Datasheet HTML 115Page - STMicroelectronics UM1865 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 132 page
background image
Vendor specific commands
UM1865
112/132
DocID027514 Rev 1
Event(s) generated:
On the completion of the command, a command complete event is generated. The status
indicates success or failure. If the status is success, then the event data contains the data
length of the attribute value followed by the attribute value.
Table 254. Aci_Gatt_Read_Handle_Value_Offset command parameters
Parameter
Size
Description
Attribute handle
2 bytes
The Attribute Handle to be read
Offset
1 byte
The offset specifies the position from which the value
needs to be read.
Table 255. Aci_Gatt_Read_Handle_Value_Offset return parameters
Parameter
Size
Description
Status
1 byte
0x00 : Success
0x63 : Status Invalid Operation
0x12 : HCI_Invalid Parameters
0x41 : BLE_Status_Failed
Data length of the Attribute
1 bytes
Length of the attribute value to follow
Data Length bytes of the
Attribute Value
Data length
bytes
Attribute value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More