データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTM4600 データシート(PDF) 17 Page - Linear Technology

部品番号 LTM4600
部品情報  10A High Efficiency DC/DC Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTM4600 データシート(HTML) 17 Page - Linear Technology

Back Button LTM4600_15 Datasheet HTML 13Page - Linear Technology LTM4600_15 Datasheet HTML 14Page - Linear Technology LTM4600_15 Datasheet HTML 15Page - Linear Technology LTM4600_15 Datasheet HTML 16Page - Linear Technology LTM4600_15 Datasheet HTML 17Page - Linear Technology LTM4600_15 Datasheet HTML 18Page - Linear Technology LTM4600_15 Datasheet HTML 19Page - Linear Technology LTM4600_15 Datasheet HTML 20Page - Linear Technology LTM4600_15 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LTM4600
17
4600fd
For more information www.linear.com/LTM4600
LTM4600 Frequency Adjustment
The LTM4600 is designed to typically operate at 850kHz
across most input and output conditions. The control ar-
chitecture is constant on time valley mode current control.
The fADJ pin is typically left open or decoupled with an
optional 1000pF capacitor. The switching frequency has
been optimized to maintain constant output ripple over the
operating conditions. The equations for setting the operat-
ing frequency are set around a programmable constant on
time.Thisontimeisdevelopedbyaprogrammablecurrent
into an on board 10pF capacitor that establishes a ramp
that is compared to a voltage threshold equal to the output
voltage up to a 2.4V clamp. This ION current is equal to: ION
= (VIN – 0.7V)/110k, with the 110k onboard resistor from
VIN to fADJ. The on time is equal to tON = (VOUT/ION)•10pF
and tOFF = ts – tON. The frequency is equal to: Freq. = DC/
tON. The ION current is proportional to VIN, and the regula-
tor duty cycle is inversely proportional to VIN, therefore
the step-down regulator will remain relatively constant
frequency as the duty cycle adjustment takes place with
lowering VIN. The on time is proportional to VOUT up to a
2.4V clamp. This will hold frequency relatively constant
with different output voltages up to 2.4V. The regulator
switching period is comprised of the on time and off time
as depicted in Figure 17.
Layout Checklist/Example
The high integration of the LTM4600 makes the PCB
board layout very simple and easy. However, to optimize
its electrical and thermal performance, some layout con-
siderations are still necessary.
• Use large PCB copper areas for high current path, in-
cluding VIN, PGND and VOUT. It helps to minimize the
PCB conduction loss and thermal stress
• Place high frequency ceramic input and output capaci-
tors next to the VIN, PGND and VOUT pins to minimize
high frequency noise
• Place a dedicated power ground layer underneath
the unit
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between top layer and other power layers
• Do not put a via directly on pad unless it is capped
• Use a separated SGND ground copper area for com-
ponents connected to signal pins. Connect the SGND
to PGND underneath the unit
Figure16givesagoodexampleoftherecommendedlayout.
Figure 16. Recommended PCB Layout
applicaTions inForMaTion
VIN
PGND
TOP LAYER
VOUT
SGND
4600 F16
LOAD
CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com