データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTM4600 データシート(PDF) 5 Page - Linear Technology

部品番号 LTM4600
部品情報  10A High Efficiency DC/DC Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTM4600 データシート(HTML) 5 Page - Linear Technology

  LTM4600_15 Datasheet HTML 1Page - Linear Technology LTM4600_15 Datasheet HTML 2Page - Linear Technology LTM4600_15 Datasheet HTML 3Page - Linear Technology LTM4600_15 Datasheet HTML 4Page - Linear Technology LTM4600_15 Datasheet HTML 5Page - Linear Technology LTM4600_15 Datasheet HTML 6Page - Linear Technology LTM4600_15 Datasheet HTML 7Page - Linear Technology LTM4600_15 Datasheet HTML 8Page - Linear Technology LTM4600_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTM4600
5
4600fd
For more information www.linear.com/LTM4600
LOAD CURRENT (A)
0
50
60
70
6
4600 G02
40
30
2
4
8
80
90
100
10
0.6VOUT
1.2VOUT
1.5VOUT
2.5VOUT
3.3VOUT
Efficiency vs Load Current
with 5VIN (FCB = 0)
LOAD CURRENT (A)
0
100
90
80
70
60
50
40
30
6
4600 G01
2
4
8
10
0.6VOUT
1.2VOUT
1.5VOUT
2.5VOUT
Efficiency vs Load Current
with 12VIN (FCB = 0)
Efficiency vs Load Current
with 18VIN (FCB = 0)
LOAD CURRENT (A)
0
6
4600 G03
2
4
8
10
80
90
100
70
60
50
40
30
1.5VOUT
1.8VOUT
2.5VOUT
3.3VOUT
Efficiency vs Load Current
with Different FCB Settings
LOAD CURRENT (A)
20
50
40
30
90
80
70
60
4600 G04
0.1
10
1
FCB = GND
FCB > 0.7V
VIN = 12V
VOUT = 1.5V
1.2V Transient Response
1.5V Transient Response
(See Figure 18 for all curves)
Typical perForMance characTerisTics
25µs/DIV
4600 G05
1.2V AT 5A/µs LOAD STEP
COUT = 3 • 22µF 6.3V CERAMICS
470µF 4V SANYO POSCAP
C3 = 100pF
VOUT = 50mV/DIV
IOUT = 5A/DIV
25µs/DIV
4600 G06
1.5V AT 5A/µs LOAD STEP
COUT = 3 • 22µF 6.3V CERAMICS
470µF 4V SANYO POSCAP
C3 = 100pF
1.8V Transient Response
2.5V Transient Response
3.3V Transient Response
25µs/DIV
4600 G07
1.8V AT 5A/µs LOAD STEP
COUT = 3 • 22µF 6.3V CERAMICS
470µF 4V SANYO POSCAP
C3 = 100pF
25µs/DIV
4600 G08
2.5V AT 5A/µs LOAD STEP
COUT = 3 • 22µF 6.3V CERAMICS
470µF 4V SANYO POSCAP
C3 = 100pF
25µs/DIV
4600 G09
3.3V AT 5A/µs LOAD STEP
COUT = 3 • 22µF 6.3V CERAMICS
470µF 4V SANYO POSCAP
C3 = 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com