データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MS67C10 データシート(PDF) 1 Page - Bruckewell Technology LTD

部品番号 MS67C10
部品情報  Green Device Available
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BWTECH [Bruckewell Technology LTD]
ホームページ  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS67C10 データシート(HTML) 1 Page - Bruckewell Technology LTD

  MS67C10 Datasheet HTML 1Page - Bruckewell Technology LTD MS67C10 Datasheet HTML 2Page - Bruckewell Technology LTD MS67C10 Datasheet HTML 3Page - Bruckewell Technology LTD MS67C10 Datasheet HTML 4Page - Bruckewell Technology LTD MS67C10 Datasheet HTML 5Page - Bruckewell Technology LTD MS67C10 Datasheet HTML 6Page - Bruckewell Technology LTD MS67C10 Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MS67C10
N & P Channel 60-V Dual MOSFETs
Publication Order Number: [MS67C10]
© Bruckewell Technology Corporation Rev. A -2014
Description
These N+P dual Channel enhancement mode power
field effect transistors are using trench DMOS
technology. This advanced technology has been
especially tailored to minimize on-state resistance,
provide superior switching performance, and withstand
high energy pulse in the avalanche and commutation
mode. These devices are well suited for high efficiency
fast switching applications.
Features
• Fast switching
• Green Device Available
• Suit for 4.5V Gate Drive Applications
Applications
• DC Fan
• Motor Drive Applications
• Networking
• Half / Full Bridge Topology
Packing & Order Information
3,000/Reel
Graphic symbol
SO-8 Package information


同様の部品番号 - MS67C10

メーカー部品番号データシート部品情報
logo
MOSA ELECTRONICS
MS6712 MOSA-MS6712 Datasheet
523Kb / 17P
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6712GTR MOSA-MS6712GTR Datasheet
523Kb / 17P
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6712GU MOSA-MS6712GU Datasheet
523Kb / 17P
4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6712L MOSA-MS6712L Datasheet
663Kb / 14P
Low Cost 4 Stereo Inputs and 4-Channel Outputs
MS6712LTR MOSA-MS6712LTR Datasheet
663Kb / 14P
Low Cost 4 Stereo Inputs and 4-Channel Outputs
More results

同様の説明 - MS67C10

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
KSM3803 KERSEMI-KSM3803 Datasheet
651Kb / 5P
Green device available.
KSM4310 KERSEMI-KSM4310 Datasheet
649Kb / 5P
Green device available.
KSMB5N60 KERSEMI-KSMB5N60 Datasheet
716Kb / 4P
Green device available.
KSMB5N65 KERSEMI-KSMB5N65 Datasheet
716Kb / 4P
Green device available.
KSMB7N60 KERSEMI-KSMB7N60 Datasheet
734Kb / 4P
Green device available.
KSMB7N80 KERSEMI-KSMB7N80 Datasheet
691Kb / 4P
Green device available.
KSMB10N65 KERSEMI-KSMB10N65 Datasheet
699Kb / 4P
Green device available.
KSMN4440 KERSEMI-KSMN4440 Datasheet
591Kb / 4P
Green device available.
KSMN4488 KERSEMI-KSMN4488 Datasheet
553Kb / 4P
Green device available.
KSMN6690 KERSEMI-KSMN6690 Datasheet
578Kb / 4P
Green device available.
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com