データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MS67C10 データシート(PDF) 2 Page - Bruckewell Technology LTD

部品番号 MS67C10
部品情報  Green Device Available
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BWTECH [Bruckewell Technology LTD]
ホームページ  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS67C10 データシート(HTML) 2 Page - Bruckewell Technology LTD

  MS67C10 Datasheet HTML 1Page - Bruckewell Technology LTD MS67C10 Datasheet HTML 2Page - Bruckewell Technology LTD MS67C10 Datasheet HTML 3Page - Bruckewell Technology LTD MS67C10 Datasheet HTML 4Page - Bruckewell Technology LTD MS67C10 Datasheet HTML 5Page - Bruckewell Technology LTD MS67C10 Datasheet HTML 6Page - Bruckewell Technology LTD MS67C10 Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MS67C10
N & P Channel 60-V Dual MOSFETs
Publication Order Number: [MS67C10]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (TA=25°C unless otherwise specified)
Symbol
Parameter
Rating
Unit
VDS
Drain-Source Voltage
60
-60
V
VGS
Gate-Source Voltage
±20
±20
V
ID
Drain Current - Continuous (TC =25°C)
4.5
-3.5
A
Drain Current - Continuous (TC =70°C)
2.85
-2.21
A
IDM
Drain Current - Pulsed
1
18
-14
A
PD
Power Dissipation (TC =25°C)
3.57
W
Power Dissipation - Derate above 25°C
0.028
W/°C
TJ
Storage Temperature Range
-55 to 150
°C
TSTG
Operating Junction Temperature Range
-55 to 150
°C
Thermal Resistance Ratings
Symbol
Parameter
Typ.
Max.
Units
RθJA
Thermal Resistance Junction to ambient
--
75
°C/W
RθJC
Thermal Resistance Junction to Case
--
35
N-CH Electrical Characteristics (TJ=25 °C, unless otherwise)
Off Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS = VGS, ID = 250uA
60
V
△BV
DSS
/
△TJ
BVDSS Temperature Coefficient
Reference to 25°C , ID = 1mA
0.05
V/°C
IGSS
Gate-Source Leakage Current
VDS = 0 V , VGS = ±20 V
±100
nA
IDSS
Drain-Source Leakage Current
VDS = 60 V , VGS = 0 V , TJ=25°C
VDS = 48 V , VGS = 0 V , TJ=125°C
1
10
uA
On Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 6 A
VGS = 4.5 V, ID = 3 A
45
52
54
63
m
Ω
VGS(th)
Gate Threshold Voltage
VGS = VDS , ID = 250uA
1.2
1.8
2.5
V
△V
GS(th)
Temperature Coefficient
-4.2
mV/°C
gfs
Forward Transconductance
VDS = 10 V, ID = 4 A
4.2
S



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com