データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM321 データシート(PDF) 1 Page - ON Semiconductor

部品番号 LM321
部品情報  Single Channel Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM321 データシート(HTML) 1 Page - ON Semiconductor

  LM321 Datasheet HTML 1Page - ON Semiconductor LM321 Datasheet HTML 2Page - ON Semiconductor LM321 Datasheet HTML 3Page - ON Semiconductor LM321 Datasheet HTML 4Page - ON Semiconductor LM321 Datasheet HTML 5Page - ON Semiconductor LM321 Datasheet HTML 6Page - ON Semiconductor LM321 Datasheet HTML 7Page - ON Semiconductor LM321 Datasheet HTML 8Page - ON Semiconductor LM321 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2015
November, 2015 − Rev. 2
1
Publication Order Number:
LM321/D
LM321
Single Channel Operational
Amplifier
LM321 is a general purpose, single channel op amp with internal
compensation and a true differential input stage. This op amp features
a wide supply voltage ranging from 3 V to 32 V for single supplies and
±1.5 to ±16 V for split supplies, suiting a variety of applications.
LM321 is unity gain stable even with large capacitive loads up to
1.5 nF. LM321 is available in a space-saving TSOP−5/SOT23−5
package.
Features
Wide Supply Voltage Range: 3 V to 32 V
Short Circuit Protected Outputs
True Differential Input Stage
Low Input Bias Currents
Internally Compensated
Single and Split Supply Operation
Unity Gain Stable with 1.5 nF Capacitive Load
This Device is Pb-Free, Halogen Free/BFR Free and is RoHS
Compliant
Typical Applications
Gain Stage
Active Filter
Signal Processing
MARKING DIAGRAM
www.onsemi.com
TSOP−5
CASE 483
PIN CONNECTION
ADY = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb-Free Package
1
5
ADYAYW
G
G
(Note: Microdot may be in either location)
1
5
VCC
IN+
VEE
OUT
IN−
1
2
3
5
4
Device
Package
Shipping
ORDERING INFORMATION
LM321SN3T1G
TSOP−5
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


同様の部品番号 - LM321

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM321 NSC-LM321 Datasheet
237Kb / 9P
Low Power Single Op Amp
logo
Seoul Semiconductor
LM321 SEOUL-LM321 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM321 SEOUL-LM321 Datasheet
360Kb / 13P
CYAN LAMP LED
LM321 SEOUL-LM321 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM321 SEOUL-LM321 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

同様の説明 - LM321

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LM101A-LM201A STMICROELECTRONICS-LM101A-LM201A Datasheet
165Kb / 11P
SINGLE OPERATIONAL AMPLIFIER
Oct-1995
logo
Toshiba Semiconductor
TA75061P TOSHIBA-TA75061P Datasheet
255Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
TA7540P TOSHIBA-TA7540P Datasheet
232Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
TA75S01F TOSHIBA-TA75S01F Datasheet
208Kb / 5P
SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCM2100 UTC-UTCM2100 Datasheet
429Kb / 4P
SINGLE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA741 FAIRCHILD-KA741 Datasheet
116Kb / 12P
Single Operational Amplifier
logo
National Semiconductor ...
MRLM101AX-R-H NSC-MRLM101AX-R-H Datasheet
226Kb / 15P
SINGLE OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TA75S01F TOSHIBA-TA75S01F_07 Datasheet
251Kb / 6P
Single Operational Amplifier
TC75S54F TOSHIBA-TC75S54F_07 Datasheet
231Kb / 11P
Single Operational Amplifier
logo
Fairchild Semiconductor
LM741E FAIRCHILD-LM741E Datasheet
921Kb / 7P
SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com