データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM321 データシート(PDF) 4 Page - ON Semiconductor

部品番号 LM321
部品情報  Single Channel Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM321 データシート(HTML) 4 Page - ON Semiconductor

  LM321 Datasheet HTML 1Page - ON Semiconductor LM321 Datasheet HTML 2Page - ON Semiconductor LM321 Datasheet HTML 3Page - ON Semiconductor LM321 Datasheet HTML 4Page - ON Semiconductor LM321 Datasheet HTML 5Page - ON Semiconductor LM321 Datasheet HTML 6Page - ON Semiconductor LM321 Datasheet HTML 7Page - ON Semiconductor LM321 Datasheet HTML 8Page - ON Semiconductor LM321 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LM321
www.onsemi.com
4
Table 5. ELECTRICAL CHARACTERISTICS − VS = 32 V
(At TA = +25°C, RL = 10 kW connected to mid-supply, VCM = VOUT = mid-supply, unless otherwise noted.
Boldface limits apply over the specified temperature range, TA = –40°C to 85°C, guaranteed by characterization and/or design.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VS =32V, VCM =VEE to VCC – 1.7 V
TA = 25°C
TA = –40°C to 85°C
0.3
7
9
mV
Offset Voltage Drift vs Temp
DVOS/DT
TA = –40°C to 85°C
7
mV/°C
Common Mode Rejection Ratio
CMRR
VCM = VEE to VCC – 1.7 V
100
dB
OUTPUT CHARACTERISTICS
Open Loop Voltage Gain
AVOL
TA = 25°C
TA = –40°C to 85°C
84
100
dB
Open Loop Output Impedance
ZOUT_OL
f = UGBW, IO = 0 mA
2,000
W
Output Voltage High
VOH
RL = 2 kW to VEE
RL = 10 kW to VEE
VCC−2.5
VCC−2.5
VCC−2.0
VCC−1.5
V
Output Voltage Low
VOL
RL = 10 kW to VCC
VEE+1.0
VEE+1.5
V
Capacitive Load Drive
CL
Phase Margin = 15
°
1,500
pF
NOISE PERFORMANCE
Voltage Noise Density
eN
fIN = 1 kHz
40
nV/
√Hz
Total Harmonic Distortion +
Noise
THD+N
VS =30V, fIN = 1 kHz, RL to VCC
0.02
%
DYNAMIC PERFORMANCE
Gain Bandwidth Product
GBWP
CL = 25 pF, RL to VCC
900
kHz
Gain Margin
AM
CL = 25 pF, RL to VCC
18
dB
Phase Margin
aM
CL = 25 pF, RL to VCC
66
°
Slew Rate
SR
CL = 25 pF, RL = ∞
0.4
V/
ms
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 5 V to 32 V
62
100
dB
Quiescent Current
IQ
No Load, VS =32V
0.3
1.2
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com