データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM321 データシート(PDF) 2 Page - ON Semiconductor

部品番号 LM321
部品情報  Single Channel Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM321 データシート(HTML) 2 Page - ON Semiconductor

  LM321 Datasheet HTML 1Page - ON Semiconductor LM321 Datasheet HTML 2Page - ON Semiconductor LM321 Datasheet HTML 3Page - ON Semiconductor LM321 Datasheet HTML 4Page - ON Semiconductor LM321 Datasheet HTML 5Page - ON Semiconductor LM321 Datasheet HTML 6Page - ON Semiconductor LM321 Datasheet HTML 7Page - ON Semiconductor LM321 Datasheet HTML 8Page - ON Semiconductor LM321 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LM321
www.onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS (Over operating free-air temperature, unless otherwise stated)
Parameter
Rating
Unit
Supply Voltage
36
V
INPUT AND OUTPUT PINS
Input Voltage
VEE – 0.3 to 32
V
Input Current
±10
mA
Output Short Circuit Duration (Note 1)
Continuous
TEMPERATURE
Operating Temperature
–40 to +125
°C
Storage Temperature
–65 to +150
°C
Junction Temperature
–65 to +150
°C
ESD RATINGS (Note 2)
Human Body Model (HBM)
200
V
Charged Device Model (CDM)
800
V
Machine Model (MM)
100
V
OTHER RATINGS
Latch-Up Current (Note 3)
100
mA
MSL
Level 1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Short circuits can cause excessive heating and eventual destruction.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per JEDEC standard: JESD22−A114
ESD Machine Model tested per JEDEC standard: JESD22−A115
3. Latch-up Current tested per JEDEC standard: JESD78
Table 2. THERMAL INFORMATION (Note 4)
Parameter
Symbol
Package
Value
Unit
Junction to Ambient
qJA
TSOP−5/SOT23−5
235
°C/W
4. As mounted on an 80
× 80 × 1.5 mm FR4 PCB with 650 mm2 and 2 oz (0.034 mm) thick copper heat spreader. Following JEDEC
JESD/EIA 51.1, 51.2, 51.3 test guidelines.
Table 3. RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Range
Unit
Supply Voltage (VCC − VEE)
VS
3 to 32
V
Specified Operating Range
TA
−40 to 85
°C
Common Mode Input Voltage Range
VCM
VEE to VCC−1.7
V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com