| データシートサーチシステム |
|
PAC1921 データシート(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PAC1921 データシート(HTML) 38 Page - Microchip Technology |
|
38 / 56 page ![]() PAC1921 High-Side Current/Power Sensor Evaluation Board User’s Guide DS50002376A-page 38 2015 Microchip Technology Inc. Click the Quick Setup switch or press the <F2> function key on the keyboard to set up the GUI and PAC1921 for free-run integration power measurement. The Quick Setup switch does the following: - Enables the “Enable Auto INT_EN” option. - Enables the “READ/INT OVR” option. - Enables the “INT_EN” option. - Sets “MUX_SEL” to VPOWER free-run. - Enables the “Enable DC Vsense- Stimulus” option. 4.3.4 Integration Table Tab The Integration Table tab, shown in Figure 4-17, shows the maximum integration periods for a selected number of samples with various settings. FIGURE 4-17: Integration Table Tab. |