| データシートサーチシステム |
|
PAC1921 データシート(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PAC1921 データシート(HTML) 15 Page - Microchip Technology |
|
15 / 56 page ![]() PAC1921 HIGH-SIDE CURRENT/POWER SENSOR EVALUATION BOARD USER’S GUIDE 2015 Microchip Technology Inc. DS50002376A-page 15 Chapter 2. Installation and Operation 2.1 GETTING STARTED 2.1.1 System Requirements To use the PAC1921 High-Side Current/Power Sensor Evaluation Board, the following are required: •A PC running the Microsoft® Windows® operating system • A display resolution of 800x600 or larger, for viewing several windows simultaneously • An available USB port 2.2 INSTALLING THE EVALUATION BOARD SOFTWARE Follow these steps in order to install the board’s Graphical User Interface (GUI): 1. Download the software archive from the board’s web page, unzip it and double-click the Setup.exe to start the installation. Figure 2-1 shows the initial installation screen, which displays briefly as the setup program loads. FIGURE 2-1: Software Installation – Initialize Window. |