| データシートサーチシステム |
|
PAC1921 データシート(PDF) 45 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PAC1921 データシート(HTML) 45 Page - Microchip Technology |
|
45 / 56 page ![]() Software Description 2015 Microchip Technology Inc. DS50002376A-page 45 8. Change the number of “SAMPLES” to 8 and observe the improvement in the plots on the Vbus & Vsense tab, as shown in Figure 4-25. FIGURE 4-25: Increased Sample Effect. 4.5 TROUBLESHOOTING 4.5.1 GUI Controls Unresponsive After Installation Restart the computer. In some cases, a restart is required after installation. 4.5.2 GUI Freezes If the GUI freezes for unknown reasons, communications cannot be stopped and the program cannot be closed. Disconnect the USB cable from the evaluation board, then close the program. Reconnect the evaluation board, then restart the GUI. |