| データシートサーチシステム |
|
PAC1921 データシート(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PAC1921 データシート(HTML) 19 Page - Microchip Technology |
|
19 / 56 page ![]() Installation and Operation 2015 Microchip Technology Inc. DS50002376A-page 19 When the installation is complete, the program will automatically run (see Figure 2-7). FIGURE 2-7: PAC1921 GUI Start-up Screen. 2.3 MICROCHIP USB BRIDGE INSTALLATION Connect the USB mini connector to the evaluation board and the standard USB con- nector to any available USB port on the PC. If the Microchip USB bridge driver has not previously been installed on the selected USB port, download the MCP2221 Windows driver and installer from www.microchip.com at: http://www.microchip.com/wwwproducts/Devices.aspx?product=MCP2221 Follow the on-screen instructions to complete the installation process. |