| データシートサーチシステム |
|
STM32F303VD データシート(PDF) 75 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VD データシート(HTML) 75 Page - STMicroelectronics |
|
75 / 184 page ![]() DocID026415 Rev 4 75/184 STM32F303xD STM32F303xE Electrical characteristics 161 Table 22. Programmable voltage detector characteristics Symbol Parameter Conditions Min(1) 1. Data based on characterization results only, not tested in production. Typ Max(1) Unit VPVD0 PVD threshold 0 Rising edge 2.1 2.18 2.26 V Falling edge 2 2.08 2.16 VPVD1 PVD threshold 1 Rising edge 2.19 2.28 2.37 Falling edge 2.09 2.18 2.27 VPVD2 PVD threshold 2 Rising edge 2.28 2.38 2.48 Falling edge 2.18 2.28 2.38 VPVD3 PVD threshold 3 Rising edge 2.38 2.48 2.58 Falling edge 2.28 2.38 2.48 VPVD4 PVD threshold 4 Rising edge 2.47 2.58 2.69 Falling edge 2.37 2.48 2.59 VPVD5 PVD threshold 5 Rising edge 2.57 2.68 2.79 Falling edge 2.47 2.58 2.69 VPVD6 PVD threshold 6 Rising edge 2.66 2.78 2.9 Falling edge 2.56 2.68 2.8 VPVD7 PVD threshold 7 Rising edge 2.76 2.88 3 Falling edge 2.66 2.78 2.9 VPVDhyst(2) 2. Guaranteed by design, not tested in production. PVD hysteresis - - 100 - mV IDD(PVD) PVD current consumption - - 0.15 0.26 µA |