| データシートサーチシステム |
|
STM32F303VD データシート(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VD データシート(HTML) 41 Page - STMicroelectronics |
|
41 / 184 page ![]() DocID026415 Rev 4 41/184 STM32F303xD STM32F303xE Pinouts and pin description 67 Table 13. STM32F303xD/E pin definitions Pin number Pin name (function after reset) Alternate functions Additional functions - 1 B2 D6 1 PE2 I/O FT (1) TRACECK, EVENTOUT, TIM3_CH1, TSC_G7_IO1, SPI4_SCK, TIM20_CH1, FMC_A23 - - 2 A1 D7 2 PE3 I/O FT (1) TRACED0, EVENTOUT, TIM3_CH2, TSC_G7_IO2, SPI4_NSS, TIM20_CH2, FMC_A19 - - 3 B1 C8 3 PE4 I/O FT (1) TRACED1, EVENTOUT, TIM3_CH3, TSC_G7_IO3, SPI4_NSS, TIM20_CH1N, FMC_A20 - - 4 C2 B9 4 PE5 I/O FT (1) TRACED2, EVENTOUT, TIM3_CH4, TSC_G7_IO4, SPI4_MISO, TIM20_CH2N, FMC_A21 - - 5 D2 E7 5 PE6 I/O FT (1) TRACED3, EVENTOUT, SPI4_MOSI, TIM20_CH3N, FMC_A22 WKUP3, RTC_TAMP3 1 6 E2 D8 6 VBAT S - - - - 2 7 C1 C9 7 PC13(2) I/O TC - EVENTOUT, TIM1_CH1N WKUP2,RTC_TAMP1, RTC_TS, RTC_OUT 3 8 D1 C10 8 PC14 - OSC32_IN (2) I/O TC - EVENTOUT OSC32_IN 49 E1 D9 9 PC15 - OSC32_OUT(2) I/O TC - EVENTOUT OSC32_OUT - - - - 10 PH0 I/O FT (1) EVENTOUT, TIM20_CH1, FMC_A0 - - - - - 11 PH1 I/O FT (1) EVENTOUT, TIM20_CH2, FMC_A1 - - 19 J1 E8 12 PF2 I/O TTa (1) EVENTOUT, TIM20_CH3, FMC_A2 ADC12_IN10 - - - - 13 PF3 I/O FT (1) EVENTOUT, TIM20_CH4, FMC_A3 - |