| データシートサーチシステム |
|
STM32F303VD データシート(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VD データシート(HTML) 33 Page - STMicroelectronics |
|
33 / 184 page ![]() DocID026415 Rev 4 33/184 STM32F303xD STM32F303xE Functional overview 67 Table 10. Capacitive sensing GPIOs available on STM32F303xD/E devices Group Capacitive sensing signal name Pin name Group Capacitive sensing signal name Pin name 1 TSC_G1_IO1 PA0 5 TSC_G5_IO1 PB3 TSC_G1_IO2 PA1 TSC_G5_IO2 PB4 TSC_G1_IO3 PA2 TSC_G5_IO3 PB6 TSC_G1_IO4 PA3 TSC_G5_IO4 PB7 2 TSC_G2_IO1 PA4 6 TSC_G6_IO1 PB11 TSC_G2_IO2 PA5 TSC_G6_IO2 PB12 TSC_G2_IO3 PA6 TSC_G6_IO3 PB13 TSC_G2_IO4 PA7 TSC_G6_IO4 PB14 3 TSC_G3_IO1 PC5 7 TSC_G7_IO1 PE2 TSC_G3_IO2 PB0 TSC_G7_IO2 PE3 TSC_G3_IO3 PB1 TSC_G7_IO3 PE4 TSC_G3_IO4 PB2 TSC_G7_IO4 PE5 4 TSC_G4_IO1 PA9 8 TSC_G8_IO1 PD12 TSC_G4_IO2 PA10 TSC_G8_IO2 PD13 TSC_G4_IO3 PA13 TSC_G8_IO3 PD14 TSC_G4_IO4 PA14 TSC_G8_IO4 PD15 Table 11. Number of capacitive sensing channels available on STM32F303xD/E devices Analog I/O group Number of capacitive sensing channels STM32F303VE/ZE STM32F303RE G1 3 3 G2 3 3 G3 3 3 G4 3 3 G5 3 3 G6 3 3 G7 3 0 G8 3 0 Number of capacitive sensing channels 24 18 |