データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PMA2-252LN データシート(PDF) 2 Page - Mini-Circuits

部品番号 PMA2-252LN
部品情報  Monolithic Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PMA2-252LN データシート(HTML) 2 Page - Mini-Circuits

  PMA2-252LN Datasheet HTML 1Page - Mini-Circuits PMA2-252LN Datasheet HTML 2Page - Mini-Circuits PMA2-252LN Datasheet HTML 3Page - Mini-Circuits PMA2-252LN Datasheet HTML 4Page - Mini-Circuits PMA2-252LN Datasheet HTML 5Page - Mini-Circuits PMA2-252LN Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Monolithic Amplifier
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 6
simplified schematic and pad description
Function
Pad Number
Description (Ref: Figure1)
RF IN
2
Connects to RF input via C1 and Pad 3 via L1
RF-OUT
7
Connects to RF out via C2, Pad 5 via R1 and C3
RF-Ground
3
Connects to ground via C4 and Pad 2 via L1
Bias
4
Connects to Supply voltage (Vs) via Rbias
Feedback
5
Connected to pads via R1 and C3
No Connection
1,6
Not used internally. Pin 1 Connected to ground on test board
Ground
8 & paddle
Connects to ground
CASE STYLE: MC1631
PMA2-252LN+
Product Features
• Low Noise figure, 0.8 dB at 1.8 GHz
• High IP3, 30 dBm typ. at 1.8 GHz
• P1dB 17.9 dBm typ. at 1.8 GHz
• Adjustable Current, 25 to 80 mA
• Adjustable Gain, ±1.5 dB
• Active Bias
REV. A
M151107
RS/TH/CP
150924
General Description
The PMA2-252LN+ (RoHS compliant) amplifier is fabricated using E-PHEMT technology and offers
extremely high dynamic range with ultra low noise figure and good input and output return loss. It has
repeatable performance from lot to lot and is enclosed in a 2mm x 2mmx 0.55mm package for very good
thermal performance.
Typical Applications
• Base station infrastructure
• Satellite Communication (Inmarsat)
• LTE
• GPS
• Tactical Air Navigation
1.5-2.5 GHz
Ultra Low Noise, High IP3
2
4
5
7
3
8, paddle
RF-Out and DC-IN
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Top View



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com