データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PMA2-252LN データシート(PDF) 1 Page - Mini-Circuits

部品番号 PMA2-252LN
部品情報  Monolithic Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PMA2-252LN データシート(HTML) 1 Page - Mini-Circuits

  PMA2-252LN Datasheet HTML 1Page - Mini-Circuits PMA2-252LN Datasheet HTML 2Page - Mini-Circuits PMA2-252LN Datasheet HTML 3Page - Mini-Circuits PMA2-252LN Datasheet HTML 4Page - Mini-Circuits PMA2-252LN Datasheet HTML 5Page - Mini-Circuits PMA2-252LN Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Monolithic Amplifier
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 6
The Big Deal
• Ultra Low Noise Figure, 0.8 dB
• High Gain, High IP3, +30 dBm
• Adjustable Current, 25 to 80 mA
• May be used as a replacement for MGA-632P8a,b
Product Overview
Mini-Circuits PMA2-252LN+ is a E-PHEMT based Ultra-Low Noise MMIC Amplifier with a unique combina-
tions of low noise and high IP3 making this amplifier ideal for sensitive high dynamic range receiver applica-
tions. This design operates on a single 3 to 4V supply.
Feature
Advantages
Ultra Low Noise, 0.8 dB at 1.8 GHz
Excellent noise figure performance. Increases signal to noise ratio.
High IP3, +30 dBm at 1.8 GHz
Combining Low Noise and High IP3 makes this MMIC amplifier ideal for use in Low
Noise Receiver Front End (RFE) as it gives the user advantages at both ends of the
dynamic range: sensitivity & two-tone IM performance.
Adjustable Current
Provides users ability to set current consumption over a wide range from 25 to 80 mA.
2mm x 2mm 8 lead MCLP Package
Low Inductance, repeatable transitions, excellent thermal contact to PCB
Max Input Power, +27 dBm
Ruggedized design operates up to high input powers often seen at Receiver inputs
eliminating the need for an external limiter.
High Reliability
Low, small signal operating current of 57 mA nominal maintains junction temperatures
typically below 100°C at 85°C ground lead temperature.
Key Features
2mm x 2mm
PMA2-252LN+
50Ω
1.5 to 2.5 GHz
Ultra Low Noise, High IP3
Notes:
a. Suitability for model replacement within a particular system must be determined by and is solely the responsibility of the customer based on, among other things, electrical
performance criteria, stimulus conditions, application, compatibility with other components and environmental conditions and stresses.
b. The Avago MGA-632P8 part number is used for identification and comparison purposes only.


同様の部品番号 - PMA2-252LN

メーカー部品番号データシート部品情報
logo
Mini-Circuits
PMA2-252LNA+ MINI-PMA2-252LNA+ Datasheet
691Kb / 14P
Low Noise Amplifier
REV. C
More results

同様の説明 - PMA2-252LN

メーカー部品番号データシート部品情報
logo
Mini-Circuits
CMA-62 MINI-CMA-62 Datasheet
420Kb / 5P
Monolithic Amplifier
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
Monolithic Amplifier
LVA-123 MINI-LVA-123 Datasheet
291Kb / 5P
Monolithic Amplifier
MNA-4W MINI-MNA-4W Datasheet
277Kb / 5P
Monolithic Amplifier
MNA-6A MINI-MNA-6A Datasheet
275Kb / 5P
Monolithic Amplifier
MNA-6W MINI-MNA-6W Datasheet
276Kb / 5P
Monolithic Amplifier
PGA-105 MINI-PGA-105 Datasheet
389Kb / 5P
Monolithic Amplifier
PMA2-43LN MINI-PMA2-43LN Datasheet
305Kb / 6P
Monolithic Amplifier
PMA3-83LN MINI-PMA3-83LN Datasheet
244Kb / 5P
Monolithic Amplifier
PMA-5455 MINI-PMA-5455_15 Datasheet
399Kb / 6P
Monolithic Amplifier
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com