データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PMA2-252LN データシート(PDF) 5 Page - Mini-Circuits

部品番号 PMA2-252LN
部品情報  Monolithic Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PMA2-252LN データシート(HTML) 5 Page - Mini-Circuits

  PMA2-252LN Datasheet HTML 1Page - Mini-Circuits PMA2-252LN Datasheet HTML 2Page - Mini-Circuits PMA2-252LN Datasheet HTML 3Page - Mini-Circuits PMA2-252LN Datasheet HTML 4Page - Mini-Circuits PMA2-252LN Datasheet HTML 5Page - Mini-Circuits PMA2-252LN Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Monolithic Low Noise E-PHEMT MMIC Amplifier
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 5 of 6
PMA2-252LN+
Adjustable Gain Performance (vs. R1) at Vs=4V
Adjustable Gain Performance (vs. R1) at Vs=3V
S21 (Amplitude,dB) Vs. Frequency and R1 Values
12
14
16
18
20
1500
1700
1900
2100
2300
2500
MHz
2700 OHM
820 OHM
270 OHM
180 OHM
82 OHM
57.6 OHM
S11 (Amplitude,dB) Vs. Frequency and R1 Values
-30
-25
-20
-15
-10
-5
0
1500
1700
1900
2100
2300
2500
MHz
2700 OHM
820 OHM
270 OHM
180 OHM
82 OHM
57.6 OHM
S22 (Amplitude,dB) Vs. Frequency and R1 Values
-30
-25
-20
-15
-10
-5
0
1500
1700
1900
2100
2300
2500
MHz
2700 OHM
820 OHM
270 OHM
180 OHM
82 OHM
57.6 OHM
Noise Figure (dB) Vs. Frequency and R1 Values
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1500
1700
1900
2100
2300
2500
MHz
2700 OHM
820 OHM
270 OHM
180 OHM
82 OHM
57.6 OHM
S11 (Amplitude,dB) Vs. Frequency and R1 Values
-30
-25
-20
-15
-10
-5
0
1500
1700
1900
2100
2300
2500
MHz
2740 OHM
825 OHM
274 OHM
178 OHM
82.5 OHM
57.6 OHM
S21 (Amplitude,dB) Vs. Frequency and R1 Values
12
14
16
18
20
1500
1700
1900
2100
2300
2500
MHz
2740 OHM
825 OHM
274 OHM
178 OHM
82.5 OHM
57.6 OHM
S22 (Amplitude,dB) Vs. Frequency and R1 Values
-30
-25
-20
-15
-10
-5
0
1500
1700
1900
2100
2300
2500
MHz
2740 OHM
825 OHM
274 OHM
178 OHM
82.5 OHM
57.6 OHM
Noise Figure (dB) Vs. Frequency and R1 Values
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1500
1700
1900
2100
2300
2500
MHz
2740 OHM
825 OHM
274 OHM
178 OHM
82.5 OHM
57.6 OHM



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com