データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PMA2-252LN データシート(PDF) 3 Page - Mini-Circuits

部品番号 PMA2-252LN
部品情報  Monolithic Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PMA2-252LN データシート(HTML) 3 Page - Mini-Circuits

  PMA2-252LN Datasheet HTML 1Page - Mini-Circuits PMA2-252LN Datasheet HTML 2Page - Mini-Circuits PMA2-252LN Datasheet HTML 3Page - Mini-Circuits PMA2-252LN Datasheet HTML 4Page - Mini-Circuits PMA2-252LN Datasheet HTML 5Page - Mini-Circuits PMA2-252LN Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Monolithic Low Noise E-PHEMT MMIC Amplifier
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 6
Parameter
Ratings
Operating Temperature (ground lead)
-40°C to 85°C
Storage Temperature
-65°C to 150°C
Junction Temperature
150°C
Total Power Dissipation
0.55W
Input Power (CW), Vs=3V or 4V
+25 dBm (5 minutes max), +20 dBm (continuous)
DC Voltage (Vs)
5.5 V
Note:
Permanent damage may occur if any of these limits are exceeded.
Electrical maximum ratings are not intended for continuous normal operation.
Absolute Maximum Ratings
Electrical Specifications(1) at 25°C, unless noted
PMA2-252LN+
Parameter
Condition
(GHz)
Vs=4V
Vs=3V
Min.
Typ.
Max.
Typ.
Units
Frequency Range
1.5
2.5
GHz
(1) Measured on Mini-Circuits Characterization test board TB-642+. See Characterization Test Circuit (Fig. 1) R1=825
Ω, R
BIAS=619Ω
(2) Current increases at P1dB
(3) (Current at 85°C - Current at -45°C)/130
DC Current Histogram at Vs=4V
0
10
20
30
40
50
60
70
Current (mA)
Noise Figure
1.5
0.7
0.7
dB
1.8
0.8
0.8
2.0
0.8
0.9
2.2
0.8
1.1
2.5
1.2
1.1
Gain
1.5
19.5
18.8
dB
1.8
18.6
17.8
2.0
15.8
17.6
19.5
16.8
2.2
16.5
15.7
2.5
15.7
14.8
Input Return Loss
1.5
21.3
17.5
dB
1.8
19.9
15.4
2.0
18.0
14.4
2.2
16.3
13.4
2.5
14.9
13.0
Output Return Loss
1.5
10.0
10.8
dB
1.8
23.3
28.5
2.0
18.2
16.9
2.2
12.9
11.9
2.5
8.3
7.9
Output Power @1 dB compression(2)
1.5
18.5
16.2
dBm
1.8
17.9
15.9
2.0
17.8
15.6
2.2
17.4
15.3
2.5
16.2
13.9
Output IP3
1.5
31.1
27.1
dBm
1.8
30.1
25.5
2.0
30.0
25.3
2.2
29.3
24.8
2.5
27.6
23.2
Device Operating Voltage
3.8
4.0
4.2
3.0
V
Device Operating Current at typical voltage(2)
57
70
41
mA
Device Current variation vs. Temperature at typical voltage(3)
-19.0
-3.4
μA/ºC
Device Current Variation vs Voltage
0.018
0.017
mA/mV
Thermal Resitance
53
53
ºC/W



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com