| データシートサーチシステム |
|
MB9BF412R データシート(PDF) 43 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9BF412R データシート(HTML) 43 Page - SPANSION |
|
43 / 121 page ![]() D a t a S h e e t 40 MB9B410R-DS706-00026-3v0-E, March 11, 2015 CONFIDENTIAL Module Pin name Function Pin No LQFP- 100 BGA- 112 LQFP- 120 QFP- 100 Multi- function Timer 0 DTTI0X_0 Input signal controlling wave form generator outputs RTO00 to RTO05 of Multi-function timer 0. 18 F4 23 96 DTTI0X_1 69 E9 79 47 FRCK0_0 16-bit free-run timer ch.0 external clock input pin 13 F1 18 91 FRCK0_1 70 D11 80 48 FRCK0_2 53 J10 63 31 IC00_0 16-bit input capture ch.0 input pin of Multi-function timer 0. ICxx describes channel number. 17 G2 22 95 IC00_1 65 F9 75 43 IC00_2 54 J8 64 32 IC01_0 16 G1 21 94 IC01_1 66 E11 76 44 IC01_2 55 H10 65 33 IC02_0 15 F3 20 93 IC02_1 67 E10 77 45 IC02_2 56 H9 66 34 IC03_0 14 F2 19 92 IC03_1 68 F8 78 46 IC03_2 57 H7 67 35 RTO00_0 (PPG00_0) Wave form generator output pin of Multi-function timer 0. This pin operates as PPG00 when it is used in PPG0 output modes. 19 G3 24 97 RTO00_1 (PPG00_1) - - 86 - RTO01_0 (PPG00_0) Wave form generator output pin of Multi-function timer 0. This pin operates as PPG00 when it is used in PPG0 output modes. 20 H1 25 98 RTO01_1 (PPG00_1) - - 85 - RTO02_0 (PPG02_0) Wave form generator output pin of Multi-function timer 0. This pin operates as PPG02 when it is used in PPG0 output modes. 21 H2 26 99 RTO02_1 (PPG02_1) - - 84 - RTO03_0 (PPG02_0) Wave form generator output pin of Multi-function timer 0. This pin operates as PPG02 when it is used in PPG0 output modes. 22 G4 27 100 RTO03_1 (PPG02_1) - - 83 - RTO04_0 (PPG04_0) Wave form generator output pin of Multi-function timer 0. This pin operates as PPG04 when it is used in PPG0 output modes. 23 H3 28 1 RTO04_1 (PPG04_1) - - 82 - RTO05_0 (PPG04_0) Wave form generator output pin of Multi-function timer 0. This pin operates as PPG04 when it is used in PPG0 output modes. 24 J2 29 2 RTO05_1 (PPG04_1) - - 81 - |