| データシートサーチシステム |
|
MB9BF412R データシート(PDF) 16 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9BF412R データシート(HTML) 16 Page - SPANSION |
|
16 / 121 page ![]() D a t a S h e e t March 11, 2015, MB9B410R-DS706-00026-3v0-E 13 CONFIDENTIAL ・ BGA-112P-M04 (TOP VIEW) H J 11 A B C 6 7 K L D E F G 8 9 10 3 4 5 1 2 VSS VCC P50 P53 VSS P54 VSS X1A INITX VCC P4B P42 P48 VCC VSS P20 P23 AN12 AN09 AN01 VCC P3F AN07 AN04 VSS AN06 AN03 P4E MD1 P4C P07 P30 P34 P37 P3B P35 VSS P40 P81 P80 VCC P0E P44 VSS AN14 AN10 AN05 VSS P09 P0A AN13 P0C P08 VSS P22 P56 TRSTX P0B P3D P55 P32 P36 TMS/ SWDIO AN08 P52 P61 P0F X1 VSS VSS P33 P39 P38 P3C P3E P63 Index VCC VSS C X0A VSS P41 P45 P4A P43 P49 MD0 X0 VSS VSS TDI P21 AN15 AN11 AVRH AVSS AN00 P31 P60 P62 P0D P51 VSS P3A P4D AN02 TCK/ SWCLK VSS P06 TDO/ SWO P05 AVCC PFBGA - 112 <Note> The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. |