データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB9BF412R データシート(PDF) 17 Page - SPANSION

部品番号 MB9BF412R
部品情報  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPANSION [SPANSION]
ホームページ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF412R データシート(HTML) 17 Page - SPANSION

Back Button MB9BF412R Datasheet HTML 13Page - SPANSION MB9BF412R Datasheet HTML 14Page - SPANSION MB9BF412R Datasheet HTML 15Page - SPANSION MB9BF412R Datasheet HTML 16Page - SPANSION MB9BF412R Datasheet HTML 17Page - SPANSION MB9BF412R Datasheet HTML 18Page - SPANSION MB9BF412R Datasheet HTML 19Page - SPANSION MB9BF412R Datasheet HTML 20Page - SPANSION MB9BF412R Datasheet HTML 21Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 121 page
background image
D a t a S h e e t
14
MB9B410R-DS706-00026-3v0-E, March 11, 2015
CONFIDENTIAL
 List of Pin Functions
 List of pin numbers
The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated
port number. For these pins, there are multiple pins that provide the same function for the same channel.
Use the extended port function register (EPFR) to select the pin.
Pin No
Pin Name
I/O circuit
type
Pin state
type
LQFP-100
BGA-112
LQFP-120
QFP-100
1
B1
1
79
VCC
-
2
C1
2
80
P50
E
H
INT00_0
AIN0_2
SIN3_1
RTO10_0
(PPG10_0)
MADATA00_0
3
C2
3
81
P51
E
H
INT01_0
BIN0_2
SOT3_1
(SDA3_1)
RTO11_0
(PPG10_0)
MADATA01_0
4
B3
4
82
P52
E
H
INT02_0
ZIN0_2
SCK3_1
(SCL3_1)
RTO12_0
(PPG12_0)
MADATA02_0
5
D1
5
83
P53
E
H
SIN6_0
TIOA1_2
INT07_2
RTO13_0
(PPG12_0)
MADATA03_0
6
D2
6
84
P54
E
I
SOT6_0
(SDA6_0)
TIOB1_2
RTO14_0
(PPG14_0)
MADATA04_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More