| データシートサーチシステム |
|
MB9BF412R データシート(PDF) 13 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9BF412R データシート(HTML) 13 Page - SPANSION |
|
13 / 121 page ![]() D a t a S h e e t 10 MB9B410R-DS706-00026-3v0-E, March 11, 2015 CONFIDENTIAL Pin Assignment ・ FPT-100P-M23 (TOP VIEW) VCC 1 75 VSS P50/INT00_0/AIN0_2/SIN3_1/RTO10_0/MADATA00_0 2 74 P20/INT05_0/CROUT_0/AIN1_1/MAD24_0 P51/INT01_0/BIN0_2/SOT3_1/RTO11_0/MADATA01_0 3 73 P21/SIN0_0/INT06_1/BIN1_1 P52/INT02_0/ZIN0_2/SCK3_1/RTO12_0/MADATA02_0 4 72 P22/SOT0_0/TIOB7_1/ZIN1_1 P53/SIN6_0/TIOA1_2/INT07_2/RTO13_0/MADATA03_0 5 71 P23/SCK0_0/TIOA7_1 P54/SOT6_0/TIOB1_2/RTO14_0/MADATA04_0 6 70 P1F/AN15/ADTG_5/FRCK0_1/MAD23_0 P55/SCK6_0/ADTG_1/RTO15_0/MADATA05_0 7 69 P1E/AN14/RTS4_1/DTTI0X_1/MAD22_0 P56/INT08_2/DTTI1X_0/MADATA06_0 8 68 P1D/AN13/CTS4_1/IC03_1/MAD21_0 P30/AIN0_0/TIOB0_1/INT03_2/MADATA07_0 9 67 P1C/AN12/SCK4_1/IC02_1/MAD20_0 P31/BIN0_0/TIOB1_1/SCK6_1/INT04_2/MADATA08_0 10 66 P1B/AN11/SOT4_1/IC01_1/MAD19_0 P32/ZIN0_0/TIOB2_1/SOT6_1/INT05_2/MADATA09_0 11 65 P1A/AN10/SIN4_1/INT05_1/IC00_1/MAD18_0 P33/INT04_0/TIOB3_1/SIN6_1/ADTG_6/MADATA10_0 12 64 P19/AN09/SCK2_2/MAD17_0 P34/FRCK0_0/TIOB4_1/TX0_1/MADATA11_0 13 63 P18/AN08/SOT2_2/MAD16_0 P35/IC03_0/TIOB5_1/RX0_1/INT08_1/MADATA12_0 14 62 AVSS P36/IC02_0/SIN5_2/INT09_1/MADATA13_0 15 61 AVRH P37/IC01_0/SOT5_2/INT10_1/MADATA14_0 16 60 AVCC P38/IC00_0/SCK5_2/INT11_1/MADATA15_0 17 59 P17/AN07/SIN2_2/INT04_1/MAD15_0 P39/DTTI0X_0/ADTG_2 18 58 P16/AN06/SCK0_1/MAD14_0 P3A/RTO00_0/TIOA0_1/RTCCO_2/SUBOUT_2 19 57 P15/AN05/SOT0_1/IC03_2/MAD13_0 P3B/RTO01_0/TIOA1_1 20 56 P14/AN04/SIN0_1/INT03_1/IC02_2/MAD12_0 P3C/RTO02_0/TIOA2_1 21 55 P13/AN03/SCK1_1/RTCCO_1/SUBOUT_1/IC01_2/MAD11_0 P3D/RTO03_0/TIOA3_1 22 54 P12/AN02/SOT1_1/TX1_2/IC00_2/MAD10_0 P3E/RTO04_0/TIOA4_1 23 53 P11/AN01/SIN1_1/INT02_1/RX1_2/FRCK0_2/MAD09_0 P3F/RTO05_0/TIOA5_1 24 52 P10/AN00 VSS 25 51 VCC LQFP - 100 <Note> The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. |