| データシートサーチシステム |
|
DP8390DV データシート(PDF) 35 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8390DV データシート(HTML) 35 Page - National Semiconductor (TI) |
|
35 / 56 page ![]() 130 Bus Arbitration and Timing (Continued) When in 32-bit mode four additional BSCK cycles are re- quired per burst The first bus cycle (T1 –T4 ) of each burst is used to output the upper 16-bit addresses This 16-bit address is programmed in RSAR0 and RSAR1 and points to a 64k page of system memory All transmitted or received packets are constrained to reside within this 64k page FIFO BURST CONTROL All Local DMA transfers are burst transfers once the DMA requests the bus and the bus is acknowledged the DMA will transfer an exact burst of bytes programmed in the Data Configuration Register (DCR) then relinquish the bus If there are remaining bytes in the FIFO the next burst will not be initiated until the FIFO threshold is exceeded If BACK is removed during the transfer the burst transfer will be abort- ed (DROPPING BACK DURING A DMA CYCLE IS NOT RECOMMENDED) TLF8582 – 69 where N e 1 2 4 or 6 Words or N e 2 4 8 or 12 Bytes when in byte mode INTERLEAVED LOCAL OPERATION If a remote DMA transfer is initiated or in progress when a packet is being received or transmitted the Remote DMA transfer will be interrupted for higher priority Local DMA transfers When the Local DMA transfer is completed the Remote DMA will rearbitrate for the bus and continue its transfers This is illustrated below TLF8582 – 70 Note that if the FIFO requires service while a remote DMA is in progress BREQ is not dropped and the Local DMA burst is appended to the Remote Transfer When switching from a local transfer to a remote transfer however BREQ is dropped and raised again This allows the CPU or other devices to fairly contend for the bus REMOTE DMA-BIDIRECTIONAL PORT CONTROL The Remote DMA transfers data between the local buffer memory and a bidirectional port (memory to IO transfer) This transfer is arbited on a byte by byte basis versus the burst transfer used for Local DMA transfers This bidirec- tional port is also readwritten by the host All transfers through this port are asynchronous At any one time trans- fers are limited to one direction either from the port to local buffer memory (Remote Write) or from local buffer memory to the port (Remote Read) Bus Handshake Signals for Remote DMA Transfers TLF8582 – 71 35 |