| データシートサーチシステム |
|
DP8390DV データシート(PDF) 52 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8390DV データシート(HTML) 52 Page - National Semiconductor (TI) |
|
52 / 56 page ![]() 150 Switching Characteristics (Continued) Serial TimingReceive (Beginning of Frame) TLF8582 – 88 Symbol Parameter Min Max Units rch Receive Clock High Time 40 ns rcl Receive Clock Low Time 40 ns rcyc Receive Clock Cycle Time 80 120 ns rds Receive Data Setup Time to 20 ns Receive Clock High (Note 1) rdh Receive Data Hold Time from 17 ns Receive Clock High pts First Preamble Bit to Synch 8 rcyc (Note 2) cycles Note 1 All bits entering NIC must be properly decoded if the PLL is still locking the clock to the NIC should be disabled or CRS delayed Any two sequential 1 data bits will be interpreted as Synch Note 2 This is a minimum requirement which allows reception of a packet Serial TimingReceive (End of Frame) TLF8582 – 89 Symbol Parameter Min Max Units rxrck Minimum Number of Receive Clocks 5 rcyc after CRS Low (Note 1) cycles tdrb Maximum of Allowed Dribble BitsClocks 3 rcyc (Note 2) cycles tifg Receive Recovery Time 40 rcyc (Notes 45) cycles tcrsl Receive Clock to Carrier Sense Low 01 rcyc (Note 3) cycles Note 1 The NIC requires a minimum number of receive clocks following the de-assertion of carrier sense (CRS) These additional clocks are provided by the DP8391 SNI If other decoderPLLs are being used additional clocks should be provided Short clocks or glitches are not allowed Note 2 Up to 5 bits of dribble bits can be tolerated without resulting in a receive error Note 3 Guarantees to only load bit N additional bits up to tdrb can be tolerated Note 4 This is the time required for the receive state machine to complete end of receive processing This parameter is not measured but is guaranteed by design This is not a measured parameter but is a design requirement Note 5 CRS must remain de-asserted for a minimum of 2 RXC cycles to be recognized as end of carrier 52 |