| データシートサーチシステム |
|
DP8390DV データシート(PDF) 43 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8390DV データシート(HTML) 43 Page - National Semiconductor (TI) |
|
43 / 56 page ![]() 150 Switching Characteristics (Continued) DMA Control Bus Arbitration TLF8582 – 80 Symbol Parameter Min Max Units brqhl Bus Clock to Bus Request High for Local DMA 43 ns brqhr Bus Clock to Bus Request High for Remote DMA 38 ns brql Bus Request Low from Bus Clock 55 ns backs Acknowledge Setup to Bus Clock 2ns (Note 1) bccte Bus Clock to Control Enable 60 ns bcctr Bus Clock to Control Release 70 ns (Notes 2 3) Note 1 BACK must be setup before T1 after BREQ is asserted Missed setup will slip the beginning of the DMA by four bus clocks The Bus Latency will influence the allowable FIFO threshold and transfer mode (emptyfill vs exact burst transfer) Note 2 During remote DMA transfers only a single bus transfer is performed During local DMA operations burst mode transfers are performed Note 3 These limits include the RC delay inherent in our test method These signals typically turn off within 15 ns enabling other devices to drive these lines with no contention 43 |